Part Number Hot Search : 
C68HC 78L06A 13005 ARM720T CONTROLS 13005 KTD20 A97F8620
Product Description
Full Text Search
 

To Download 3SK241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Frequency FETs
3SK241
GaAs N-Channel MES FET
For VHF-UHF amplification
unit: mm
2.8 -0.3
+0.2 +0.2
s Features
q Low noise-figure (NF) q Large power gain PG q Mini-type package, allowing downsizing of the sets and automatic insertion through the tape/magazine packing.
0.650.15
1.5 -0.3
0.650.15
0.5R 0.95 2.90.2 1.90.2 4 1
0.95
1.1 -0.1
+0.2
Parameter Drain to Source voltage Gate 1 to Source voltage Gate 2 to Source voltage Drain current Gate 1 current Gate 2 current Allowable power dissipation Channel temperature Storage temperature
Symbol VDS VG1S VG2S ID IG1 IG2 PD Tch Tstg
Ratings 13 -6 -6 50 1 1 200 150 -55 to +150
Unit V V V mA mA mA mW C C
1: Source 2: Drain 3: Gate2 4: Gate1 Mini Type Package (4-pin)
Marking Symbol: DU
s Electrical Characteristics (Ta = 25C)
Parameter Drain to Source cut-off current Gate 2 to Drain current Gate 1 cut-off current Gate 2 cut-off current Drain cut-off current Gate 1 to Source cut-off voltage Gate 2 to Source cut-off voltage Forward transfer admittance Symbol IDSS IG2DO IG1SS IG2SS IDSX VG1SC VG2SC | Yfs | Coss PG NF GR Conditions VDS = 5V, VG1S = 0, VG2S = 0 VG2D = -13V (G1, S = Open) VDS = VG2S = 0, VG1S = -6V VDS = VG1S = 0, VG2S = -6V VDS = 13V, VG1S = -3.5V, VG2S = 0 VDS = 5V, VG2S = 0, ID = 200A VDS = 5V, VG1S = 0, ID = 200A VDS = 5V, ID = 10mA, VG2S = 1.5V, f = 1kHz VDS = 5V, VG1S = VG2S = -6V f = 1MHz VDS = 5V, ID = 10mA VG2S = 1.5V, f = 800MHz VDS = 5V, VAGC = 1.5V/-3.5V, f = 800MHz 37 13 18 23 0.4 0.3 0.02 19 1.5 45 2.5 2 1.2 0.04 min 8.5 typ max 35 50 -20 -20 50 -3.5 -3.5 Unit mA A A A A V V mS pF pF pF dB dB dB
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Power gain Noise figure Gain reduction
0 to 0.1
0.40.2
0.8
0.16 -0.06
s Absolute Maximum Ratings (Ta = 25C)
3
2
+0.1
0.4 -0.05
+0.1
1
High Frequency FETs
PD Ta
400 36 VG2S=0 Ta=25C 30 40 VG1S=0V 24 - 0.3V 18 - 0.6V 12 - 0.9V 6 50 -1.2V 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 12 0 -2.4 -2.0 -1.6
3SK241
ID VDS
48 VDS=5V Ta=25C VG2S=1.0V 32 0.5V 24 0V
ID VG1S
Allowable power dissipation PD (mW)
350
Drain current ID (mA)
250 200 150 100
Drain current ID (mA)
300
16
- 0.5V
8
-1.0V
-1.2 - 0.8 - 0.4
4
Ambient temperature Ta (C)
Drain to source voltage VDS (V)
Gate 1 to source voltage VG1S (V)
ID VG2S
48 VDS=5V Ta=25C 40 48
| Yfs | VG1S
Input capacitance (Common source), Output capacitance (Common source) Ciss,Coss (pF)
Forward transfer admittance |Yfs| (mS)
VDS=5V f=1kHz Ta=25C 0.6
Ciss, Coss VDS
VG1S=VG2S=-6V f=1MHz Ta=25C
40
0.5
Drain current ID (mA)
32 VG1S=1.0V 24 0.5V 0V 16 - 0.5V
32 VG2S=1.5V
0.4
Ciss
24
0.3 Coss 0.2
16 1.0V 8 0.5V 0V 0 -3
8 - 1.0V 0 -2.4
0.1
-2.0
-1.6
-1.2 - 0.8 - 0.4
0
-2
-1
0
1
2
3
0 0.1
0.3
1
3
10
30
100
Gate 2 to source voltage VG2S (V)
Gate 1 to source voltage VG1S (V)
Drain to source voltage VDS (V)
PG VG1S
24 VG2S=1.5V 12
NF VG1S
VDS=5V f=800MHz Ta=25C 60
PG VG2S
VDS=5V f=800MHz Ta=25C
20
10
40
Noise figure NF (dB)
Power gain PG (dB)
16
8
VG2S=1.5V 1.0V
Power gain PG (dB)
20
12 1.0V 8 0.5V 0V 4 VDS=5V f=800MHz Ta=25C -1.2 - 0.8 - 0.4 0 0.4 0.8
6 0.5V 4 0V 2
0
-20
-40
0 -1.6
0 -1.6
-1.2 - 0.8 - 0.4
0
0.4
0.8
-60 -6
-4
-2
0
2
4
6
Gate 1 to source voltage VG1S (V)
Gate 1 to source voltage VG1S (V)
Gate 2 to source voltage VG2S (V)
2
High Frequency FETs
ID VG1S
30 VDS=5V VG2S=0 24
3SK241
Drain current ID (mA)
18
12 Ta=25C 75C 6 -25C
0 -2.0
-1.6
-1.2
- 0.8
- 0.4
0
Gate 1 to source voltage VG1S (V)
3


▲Up To Search▲   

 
Price & Availability of 3SK241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X